PART |
Description |
Maker |
SPS-7110V-2RG |
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Receiver
|
Optoway Technology Inc
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
B-15-13-155-T-SFC7-G5 B-15-13-155-T3-SFC7-G5 B-15- |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
http:// Source Photonics, Inc.
|
SLT4400-XP-S460 |
FIBER OPTIC DFB LASER MODULE EMITTER, 1620-1630nm, 622Mbps, THROUGH HOLE MOUNT ROHS COMPLIANT PACKAGE
|
JDS Uniphase, Corp.
|
B-13-15-622-TPM-SSC-60 B-13-15-622-TPM3-SSC-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR ROHS COMPLIANT PACKAGE-9 622 Mbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
B-13-15-622-TPM-SSC4-60 B-13-15-622-TPM3-SSC4-60 B |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
OD-8306N |
FIBER OPTIC LASER DIODE MODULE EMITTER, 1260-1360nm, 622Mbps, SURFACE MOUNT 7.6 X 12.7 X 3 MM, CERAMIC
|
IXYS, Corp.
|
5SDA16F3206 |
Avalanche Rectifier Diode 1620 A, 3200 V, SILICON, RECTIFIER DIODE
|
ABB, Ltd.
|
RIT-1260 |
(RIT-1260 / RIT-1262) High Performance STD Bus Compatible Analog I/O Subsystems
|
Intronics Power
|
B-13-1250-TDPM3-SST-60 B-13-1250C-TDPM3-SST-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
M74HC4852 M74HC4852M1R M74HC4852RM13TR M74HC4852TT |
DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION DUA 4:1 CHANNEL ANALOG MUX/DMUX WITH INJECTION CURRENT PROTECTION
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SP-FE-LX-CDA SP-FE-LX-CDC SP-FE-LX-CNA SP-FE-LX-CN |
Fast Ethernet SFP Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 125Mbps(Tx), 125Mbps(Rx), PANEL MOUNT ROHS COMPLIANT, PACKAGE-20
|
Source Photonics, Inc.
|
|